Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QED121 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # QED121
Description  PLASTIC INFRARED LIGHT EMITTING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

QED121 Datasheet(HTML) 2 Page - QT Optoelectronics

  QED121 Datasheet HTML 1Page - QT Optoelectronics QED121 Datasheet HTML 2Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
100021B
QED121/122/123
PLASTIC INFRARED LIGHT EMITTING DIODE
Normalized to:
IF= 100 mA, TA = 25˚C
Pulse Width = 100 µs
10
1
110
IF - INPUT CURRENT (mA)
Fig. 1 Normalized Radiant Intensity vs. Input Current
100
1000
0.1
0.01
0.001
LENS TIP SEPERATION (INCHES)
Fig. 2 Coupling Characteristics of QED12X and QSD12X
01
1
0.8
0.6
0.4
0.2
0
23456
Normalized to:
Pulse Width = 100 µs
Duty Cycle = 0.1%
VCC = 5 V
RL = 100 #
TA = 25˚C
IF = 100 mA
IF = 20 mA
2.5
2
1.5
1
0.5
-30
-40
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0
TA - TEMPERATURE (˚C)
Fig. 3 Forward Voltage vs. Temperature
IF = 10 mA
IF = 50 mA
IF = 20 mA
IF = 100 mA
Pulse Width = 100 µs
Duty Cycle = 0.1%
Fig. 5 Radiation Pattern
Fig. 4 Normalized Radiant Intensity vs. Wavelength
! (nm)
775
800
825
850
875
900
925
950
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20406080
100
0
20
40
60
80
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0˚
10
20
30
40
50
60
70
80
90
TYPICAL PERFORMANCE CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com