Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EU2JP Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # EU2JP
Description  FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

EU2JP Datasheet(HTML) 1 Page - Gulf Semiconductor

  EU2JP Datasheet HTML 1Page - Gulf Semiconductor EU2JP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A2, 4-Jan-06
www.gulfsemi.com
EU2JP
FAST SWITCHING
PLASTIC RECTIFIER
VOLTAGE:600V
CURRENT:1.0A
FEATURE
DO- 41\DO-204AL
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C10sec/0.375”lead length at 5 lbs tension
Fast switching for high efficiency
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
EU2JP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
V
Maximum RMS Voltage
Vrms
420
V
Maximum DC blocking Voltage
Vdc
600
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.1
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
100.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50.0
°C/W
Storage and Operating Junction Temperature
Tstg,Tj
-50 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted


Similar Part No. - EU2JP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
EU2JG GULFSEMI-EU2JG Datasheet
217Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
EU2JGF GULFSEMI-EU2JGF Datasheet
107Kb / 2P
SINTERED GLASS JUNCTION ULTRA FAST SWITCHING RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
More results

Similar Description - EU2JP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
ERB43-04 GULFSEMI-ERB43-04 Datasheet
83Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 400V CURRENT:1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com