Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERP20D Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # FERP20D
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FERP20D Datasheet(HTML) 1 Page - Gulf Semiconductor

  FERP20D Datasheet HTML 1Page - Gulf Semiconductor FERP20D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
FERP20D
Ultra fast Plastic Power Rectifiers
VOLTAGE: 200V
CURRENT:20.0A
FEATURE
ITO-220AB
Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
Ideally suited for use in very high frequency switching power supplies,
inverters and as free wheeling diodes
Ultra fast recovery time for high efficiency
Excellent high temperature switching
Glass passivated junction
High voltage and high reliability
High speed switching
Low forward voltage
MECHANICAL DATA
Case: JEDEC ITO-220 molded plastic body over passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FERP20D
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Maximum Average Forward Rectified at Tc =100℃
If(av)
20.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
Ifsm
180
A
Maximum Forward Voltage at Forward Current 10A
and 25℃
Vf
1.0
V
Maximum Reverse Recovery Time
(Note 1)
Trr
50
nS
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10
100
µA
Typical thermal resistance junction to case
Rth(jc)
4.5
℃/W
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
℃
Note:
1.
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - FERP20D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERP20J GULFSEMI-FERP20J Datasheet
87Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:20.0A
More results

Similar Description - FERP20D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FCU20G GULFSEMI-FCU20G Datasheet
191Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:20.0A
FERA20D GULFSEMI-FERA20D Datasheet
88Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
RERA20D GULFSEMI-RERA20D Datasheet
42Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERA20D GULFSEMI-UERA20D Datasheet
118Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERB20D GULFSEMI-UERB20D Datasheet
211Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERB20F GULFSEMI-UERB20F Datasheet
109Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 300V CURRENT:20.0A
UERP20D GULFSEMI-UERP20D Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UGRA20D GULFSEMI-UGRA20D Datasheet
96Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UGRB20D GULFSEMI-UGRB20D Datasheet
195Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 20.0A
UGRP20D GULFSEMI-UGRP20D Datasheet
115Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com