Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IDE4 Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV822IDE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV822IDE4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV822IDE4 Datasheet HTML 15Page - Texas Instruments LMV822IDE4 Datasheet HTML 16Page - Texas Instruments LMV822IDE4 Datasheet HTML 17Page - Texas Instruments LMV822IDE4 Datasheet HTML 18Page - Texas Instruments LMV822IDE4 Datasheet HTML 19Page - Texas Instruments LMV822IDE4 Datasheet HTML 20Page - Texas Instruments LMV822IDE4 Datasheet HTML 21Page - Texas Instruments LMV822IDE4 Datasheet HTML 22Page - Texas Instruments LMV822IDE4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
www.ti.com
−100
−80
−60
−40
−20
0
20
40
60
80
100
−20
0
20
40
60
80
1k
10k
100k
1M
10M
Frequency − Hz
Gain
Phase
−10
10
30
50
70
VCC+ = 5 V
RL = 10 kΩ
22 pF
100 pF
200 pF
−20
0
20
40
60
80
1k
10k
100k
1M
10M
Frequency − Hz
−60
−40
−20
0
20
40
60
80
100
120
140
Gain
Phase
−10
10
30
50
70
22 pF
100 pF
200 pF
VCC+ = 2.7 V
RL = 600 Ω
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C, VCC+ = 5-V Single Supply (Unless Otherwise Noted)
GAIN AND PHASE MARGIN
vs
FREQUENCY
(VCC+ = 5 V, RL = 10 kΩ, CL = 22 pF, 100 pF, 200 pF)
Figure 17.
GAIN AND PHASE MARGIN
vs
FREQUENCY
(VCC+ = 2.7 V, RL = 600 Ω, CL = 22 pF, 100 pF, 200 pF)
Figure 18.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com