Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R24X09 Datasheet(PDF) 2 Page - Recom International Power

Part # R24X09
Description  EUROLINE - DC/DC - CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R24X09 Datasheet(HTML) 2 Page - Recom International Power

  R24X09 Datasheet HTML 1Page - Recom International Power R24X09 Datasheet HTML 2Page - Recom International Power R24X09 Datasheet HTML 3Page - Recom International Power R24X09 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EU 28
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxX and RxxY Series, 1 Watt, SIP7/DIP14, Regulated / Isolated (Single Output)
Input Voltage Range VIN (continuous operation)
5V types
5V±5%
12V types
12V±5%
24V types
24V±5%
48V types
48V±5%
Load Voltage Regulation (10% load to 100% full load)
0.9% typ. / 1.5% max.
Line Voltage Regulation (depending on the Type)
0.25% / 1.0% of V
IN
Output Voltage Accuracy (control pin open circuit)
±5%
Input Reflected Ripple (20MHz band limited)
40mVp-p max.
Output Ripple (20MHz band limited)
60mVp-p max.
Insulation Resistance (at 500VDC)
100MΩ min.
Efficiency (at full load)
5V output types
45% min. / 50% typ.
9V, 12V and 15V output types
55% min. / 62% typ.
Temperature Drift (V
OUT)
0.03% per °C max.
Temperature Rise above Ambient (at full load)
8°C max.
Switching Frequency at Full Load (depending on the type)
80kHz typ.
Package Weight
SIP and DIP 5/12/24V types
2.3 g
SIP and DIP 48V types
2.9 g
MTTF 1) (depending on the type)
–25°C
165kHrs min. / 2406kHrs max.
+25°C
135kHrs min. / 1307kHrs max.
+70°C
69kHrs min. / 144kHrs max.
1). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
Electrical Specifications (measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Typical Isolation Capacitance (pF)
Part Number
Output Voltage (V)
05
09
12
13
15
R05X/Yxx
28
32
33
31
39
R12X/Yxx
48
63
68
–
69
R24X/Yxx
84
106
132
–
152
R48X/Yxx
54
75
92
–
109



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com