Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R24D09 Datasheet(PDF) 3 Page - Recom International Power

Part # R24D09
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R24D09 Datasheet(HTML) 3 Page - Recom International Power

  R24D09 Datasheet HTML 1Page - Recom International Power R24D09 Datasheet HTML 2Page - Recom International Power R24D09 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
EU 35
EUROLINE - DC/DC-Converter
RxxC and RxxD Series, 2 Watt, DIP14/SIP7, Isolated (Dual Output)
Typical Characteristics, Tolerance Envelope and Derating Graph
0
Total Output Current (%)
4805, 4809
4812, 4815
40
60
80
100
20
100
40
60
80
20
R48C/Dxx
4809
4805
4812
4815
0
-3
-4
-1
-1
-2
-5
100
0
Total Output Current (%)
40
60
80
20
R05C/Dxx
0
100
40
60
80
100
20
Total Output Current (%)
40
60
80
20
0512
0505
0509, 0515
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
Tolerance Envelope
0505
0515
0509, 0512, 0515
0
+15
+20
-5
+5
+10
+25
+30
100
0
Total Output Current (%)
40
60
80
20
R12C/Dxx
0
100
40
60
80
100
20
Total Output Current (%)
40
60
80
20
0505
0509, 0512, 0515
Ambient Temperature °C
1.0
100
50
0
-40
85
150
0
4.0
3.0
2.0
Safe
Operating Area
Temperature Derating Graph
0
+15
+20
-5
+5
+10
+25
+30
100
0
Total Output Current (%)
40
60
80
20
+35
1205, 1212
1205
1209, 1212
1215
1209, 1215
0
100
40
60
80
100
20
Total Output Current (%)
40
60
80
20
2405
2409, 2412, 2415
R24C/Dxx
-1
+2
+3
-2
0
+1
+4
+5
100
0
Total Output Current (%)
40
60
80
20
2415
2405
2409
2412



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com