Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4558IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558IP
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558IP Datasheet(HTML) 1 Page - Texas Instruments

  RC4558IP Datasheet HTML 1Page - Texas Instruments RC4558IP Datasheet HTML 2Page - Texas Instruments RC4558IP Datasheet HTML 3Page - Texas Instruments RC4558IP Datasheet HTML 4Page - Texas Instruments RC4558IP Datasheet HTML 5Page - Texas Instruments RC4558IP Datasheet HTML 6Page - Texas Instruments RC4558IP Datasheet HTML 7Page - Texas Instruments RC4558IP Datasheet HTML 8Page - Texas Instruments RC4558IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
D, DGK, P, PS, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
RC4558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
SLOS073E – MARCH 1976 – REVISED FEBRUARY 2006
•
Continuous Short-Circuit Protection
•
Wide Common-Mode and Differential Voltage
Ranges
•
No Frequency Compensation Required
•
Low Power Consumption
•
No Latch-Up
•
Unity-Gain Bandwidth . . . 3 MHz Typ
•
Gain and Phase Match Between Amplifiers
•
Low Noise . . . 8 nV/
√Hz Typ at 1 kHz
The RC4558 device is a dual general-purpose operational amplifier, with each half electrically similar to the
µA741, except that offset null capability is not provided.
The high common-mode input voltage range and the absence of latch-up make this amplifier ideal for
voltage-follower applications. The device is short-circuit protected, and the internal frequency compensation
ensures stability without external components.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
MSOP/VSSOP – DGK
Reel of 2500
RC4558DGKR
YR_(2)
PDIP – P
Tube of 50
RC4558P
RC4558P
Tube of 75
RC4558D
SOIC – D
RC4558
0
°C to 70°C
Reel of 2500
RC4558DR
SOP – PS
Reel of 2000
RC4558PSR
R4558
Tube of 150
RC4558PW
TSSOP – PW
R4558
Reel of 2000
RC4558PWR
MSOP/VSSOP – DGK
Reel of 2500
RC4558IDGKR
YS_(2)
PDIP – P
Tube of 50
RC4558IP
RC4558IP
Tube of 75
RC4558ID
–40
°C to 85°C
SOIC – D
R4558I
Reel of 2500
RC4558IDR
Tube of 150
RC4558IPW
TSSOP – PW
R4558I
Reel of 2000
RC4558IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1976–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RC4558IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558IP TI-RC4558IP Datasheet
57Kb / 11P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558IP TI-RC4558IP Datasheet
1Mb / 16P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IP TI1-RC4558IP Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
RC4558IPE4 TI-RC4558IPE4 Datasheet
1Mb / 16P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPE4 TI1-RC4558IPE4 Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
More results

Similar Description - RC4558IP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
Dual general-purpose operational amplifier
August 31, 1994
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
Dual General Purpose Operational Amplifier
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
Dual General Purpose Operational Amplifier
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com