Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4558IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558IPW
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button RC4558IPW Datasheet HTML 3Page - Texas Instruments RC4558IPW Datasheet HTML 4Page - Texas Instruments RC4558IPW Datasheet HTML 5Page - Texas Instruments RC4558IPW Datasheet HTML 6Page - Texas Instruments RC4558IPW Datasheet HTML 7Page - Texas Instruments RC4558IPW Datasheet HTML 8Page - Texas Instruments RC4558IPW Datasheet HTML 9Page - Texas Instruments RC4558IPW Datasheet HTML 10Page - Texas Instruments RC4558IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
110
120
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f – Frequency – Hz
100
1k
10k
100k
1M
10M
-14
-13.75
-13.5
-13.25
-13
-12.75
-12.5
-12.25
-12
-55 -35 -15
5
25
45
65
85 105 125
TA – Temperature – °C
100
110
120
130
140
150
160
170
180
190
200
-55 -35 -15
5
25
45
65
85
105 125
TA – Temperature – °C
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
-55 -35 -15
5
25
45
65
85 105 125
TA – Temperature – °C
RC4558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
SLOS073E – MARCH 1976 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
NEGATIVE OUTPUT VOLTAGE SWING
OPEN LOOP GAIN
vs
vs
TEMPERATURE
FREQUENCY
(VCC = ±15 V, RL = 10 kΩ)
(VCC = ±15 V, RL = 2 kΩ, CL = 22 pF, TA = 25°C)
INPUT BIAS CURRENT
INPUT OFFSET VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
(VCC = ±15 V)
(VCC = ±15 V)
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com