Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT2DBVRG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2DBVRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65LVDT2DBVRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 11Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 12Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 13Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 14Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 15Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TA − Free-Air Temperature − °C
2.6
2.4
2.2
2.8
2.7
2.5
2.3
−20
0
40
−40
20
60
80
100
2.9
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.6 V
3
VCC = 3.3 V
VCC = 3 V
TA − Free-Air Temperature − °C
2.6
2.5
2.4
2.7
2.65
2.55
2.45
−20
0
40
−40
20
60
80
2.75
VCC = 3 V
VCC = 2.4 V
2.8
VCC = 3.6 V
VCC = 2.7 V
2.85
2.9
VCC = 3.3 V
CL − Capacitive Load − pF
1000
10
5
15
20
25
0
1400
1200
0
Rise Time
VCC = 2.5 V
Fall Time
800
600
400
200
CL − Capacitive Load − pF
1000
10
5
15
20
25
0
1200
0
Rise Time
VCC = 3.3 V
Fall Time
800
600
400
200
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373K – JULY 1999 – REVISED NOVEMBER 2008.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
RECEIVER HIGH-TO-LOW LEVEL
RECEIVER LOW-TO-HIGH LEVEL
PROPAGATION DELAY TIMES
PROPAGATION DELAY TIMES
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
RISE/FALL TIME
RISE/FALL TIME
vs
vs
CAPACITIVE LOAD
CAPACITIVE LOAD
Figure 13.
Figure 14.
12
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com