Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4558PSLE Datasheet(PDF) 3 Page - Texas Instruments

Part # RC4558PSLE
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558PSLE Datasheet(HTML) 3 Page - Texas Instruments

  RC4558PSLE Datasheet HTML 1Page - Texas Instruments RC4558PSLE Datasheet HTML 2Page - Texas Instruments RC4558PSLE Datasheet HTML 3Page - Texas Instruments RC4558PSLE Datasheet HTML 4Page - Texas Instruments RC4558PSLE Datasheet HTML 5Page - Texas Instruments RC4558PSLE Datasheet HTML 6Page - Texas Instruments RC4558PSLE Datasheet HTML 7Page - Texas Instruments RC4558PSLE Datasheet HTML 8Page - Texas Instruments RC4558PSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
RC4558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
SLOS073E – MARCH 1976 – REVISED FEBRUARY 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
18
Supply voltage(2)
V
VCC–
–18
VID
Differential input voltage(3)
±30
V
VI
Input voltage (any input)(2)(4)
±15
V
Duration of output short circuit to ground, one amplifier at a time(5)
Unlimited
D package
97
DGK package
172
θ
JA
Package thermal impedance(6)(7)
P package
85
°C/W
PS package
95
PW package
149
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC–.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
(5)
Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
(6)
Maximum power dissipation is a function of TJ (max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ (max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+
5
15
Supply voltage
V
VCC–
–5
–15
RC4558
0
70
TA
Operating free-air temperature
°C
RC4558I
–40
85
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com