Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF-0909S Datasheet(PDF) 1 Page - Recom International Power

Part # RF-0909S
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RF-0909S Datasheet(HTML) 1 Page - Recom International Power

  RF-0909S Datasheet HTML 1Page - Recom International Power RF-0909S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 47
August 2002
● Industry Standard Pinout
● 1kVDC & 2kVDC Isolation
● No Heatsink Required
● No Extern. Components Required
● Custom Solutions Available
● UL94V-0 Package Material
Selection Guide
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
ECONOLINE - DC/DC-Converter
RF Series, 1.25 Watt, DIP8 (Single & Dual Output)
2.50
1.75
0.75
1.25
100
50
0
-40
85
125
150
Operating Temperature ˚C
Safe Operating Area
0
Input Voltage
±10%
Input Filter
Capacitor Type
Output Voltage Accuracy
±5%
Line Voltage Regulation
1,2%/1% V Input
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Ripple and Noise (20MHz limited)
100mVp-p max.
Efficiency at Full Load
70% min.
Isolation Voltage
1.000VDC min.
(also available with 2.000VDC, Suffix „H“)
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
30pF min./80pF max.
Short Circuit Protection
1 Second
Switching Frequency at Full Load
100kHz typ.
Operating Temperature
–40°C to +85°C (see Graph)
Storage Temperature
-55°C to +125°C
Package Weight
Single output types
1.8g
Dual output types
1.9g
Features
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP 8
(2kV)
(VDC)
(VDC)
(mA)
(%)
RF-XX3.3S
(H)
3.3, 5, 9, 12, 15, 24
3.3
378
70
RF-XX05S
(H)
3.3, 5, 9, 12, 15, 24
5
250
70
RF-XX09S
(H)
3.3 5, 9, 12, 15, 24
9
140
78
RF-XX12S
(H)
3.3, 5, 9, 12, 15, 24
12
104
79
RF-XX15S
(H)
3.3, 5, 9, 12, 15, 24
15
84
80
RF-XX24S
(H)
3.3, 5, 9, 12, 15, 24
24
52
80
RF-XX3.3D
(H)
3.3, 5, 9, 12, 15, 24
±3.3
189
70
RF-XX05D
(H)
3.3, 5, 9, 12, 15, 24
±5
±125
70
RF-XX09D
(H)
3.3, 5, 9, 12, 15, 24
±9
±70
75
RF-XX12D
(H)
3.3, 5, 9, 12, 15, 24
±12
±52
78
RF-XX15D
(H)
3.3, 5, 9, 12, 15, 24
±15
±42
80
RF-XX24D
(H)
3.3, 5, 9, 12, 15, 24
±24
±26
80


Similar Part No. - RF-0909S

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
RF-001 PATLITE-RF-001 Datasheet
317Kb / 1P
Wallmount bracket
RF-002 PATLITE-RF-002 Datasheet
174Kb / 1P
DirectMount Bracket
logo
TOKYO SEIMITSU CO., LTD
RF-05A ACCRETECH-RF-05A Datasheet
205Kb / 2P
Measuring Heads for Small-Diameter Inner-Surface Grinders
logo
JST Mfg. Co., Ltd.
RF-06 JST-RF-06 Datasheet
896Kb / 4P
RF CONNECTOR
logo
TOKYO SEIMITSU CO., LTD
RF-06A ACCRETECH-RF-06A Datasheet
205Kb / 2P
Measuring Heads for Small-Diameter Inner-Surface Grinders
More results

Similar Description - RF-0909S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA RECOM-RAA Datasheet
93Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
ECONOLINE - DC/DC-Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com