Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC4 Datasheet(PDF) 19 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 15Page - Altera Corporation EPC4 Datasheet HTML 16Page - Altera Corporation EPC4 Datasheet HTML 17Page - Altera Corporation EPC4 Datasheet HTML 18Page - Altera Corporation EPC4 Datasheet HTML 19Page - Altera Corporation EPC4 Datasheet HTML 20Page - Altera Corporation EPC4 Datasheet HTML 21Page - Altera Corporation EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–19
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Programmable Configuration Clock
The configuration clock (DCLK) speed is user programmable. One of two clock sources
can be used to synthesize the configuration clock; a programmable oscillator or an
external clock input pin (EXCLK). The configuration clock frequency can be further
synthesized using the clock divider circuitry. This clock can be divided by the N
counter to generate your DCLK output. The N divider supports all integer dividers
between 1 and 16, as well as a 1.5 divider and a 2.5 divider. The duty cycle for all clock
divisions other than non-integer divisions is 50% (for the non-integer dividers, the
duty cycle will not be 50%). Refer to Figure 1–5 for a block diagram of the clock
divider unit.
The DCLK frequency is limited by the maximum DCLK frequency the FPGA supports.
f The maximum DCLK input frequency supported by the FGPA is specified in the
appropriate FPGA family chapter in the Configuration Handbook.
Table 1–6. Stratix Compression Ratios (Note 1)
Item
Minimum
Average
Logic Utilization
98%
64%
Compression Ratio
1.9
2.3
% Size Reduction
47%
57%
Note to Table 1–6:
(1) These numbers are preliminary. They are intended to serve as a guideline, not a specification.
Figure 1–5. Clock Divider Unit
Configuration Device
Clock Divider Unit
Divide
by N
External Clock
(Up to 100 MHz)
Internal Oscillator
10 MHz
33 MHz
50 MHz
66 MHz
DCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com