Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T220WAZ Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T220WAZ
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220WAZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button PTH08T220WAZ Datasheet HTML 29Page - Texas Instruments PTH08T220WAZ Datasheet HTML 30Page - Texas Instruments PTH08T220WAZ Datasheet HTML 31Page - Texas Instruments PTH08T220WAZ Datasheet HTML 32Page - Texas Instruments PTH08T220WAZ Datasheet HTML 33Page - Texas Instruments PTH08T220WAZ Datasheet HTML 34Page - Texas Instruments PTH08T220WAZ Datasheet HTML 35Page - Texas Instruments PTH08T220WAZ Datasheet HTML 36Page - Texas Instruments PTH08T220WAZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Jun-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PTH08T220WAD
ACTIVE
Through-
Hole Module
EAS
11
42
Pb-Free (RoHS)
Call TI
N / A for Pkg Type
PTH08T220WAH
ACTIVE
Through-
Hole Module
EAS
11
42
Pb-Free (RoHS)
Call TI
N / A for Pkg Type
PTH08T220WAS
ACTIVE
Surface
Mount Module
EAT
11
42
TBD
Call TI
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTH08T220WAST
ACTIVE
Surface
Mount Module
EAT
11
250
TBD
Call TI
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTH08T220WAZ
ACTIVE
Surface
Mount Module
BAT
11
42
Pb-Free (RoHS)
Call TI
Level-3-260C-168 HR
PTH08T220WAZT
ACTIVE
Surface
Mount Module
BAT
11
250
Pb-Free (RoHS)
Call TI
Level-3-260C-168 HR
PTH08T221WAD
ACTIVE
Through-
Hole Module
EAS
11
42
Pb-Free (RoHS)
Call TI
N / A for Pkg Type
PTH08T221WAS
ACTIVE
Surface
Mount Module
EAT
11
42
TBD
Call TI
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTH08T221WAST
ACTIVE
Surface
Mount Module
EAT
11
250
TBD
Call TI
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTH08T221WAZ
ACTIVE
Surface
Mount Module
BAT
11
42
Pb-Free (RoHS)
Call TI
Level-3-260C-168 HR
PTH08T221WAZT
ACTIVE
Surface
Mount Module
BAT
11
250
Pb-Free (RoHS)
Call TI
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com