Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G66DRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DRLR
Description  SINGLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66DRLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G66DRLR Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
3
2
4
5
1
A
VCC
C
B
GND
DBV PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
A
VCC
C
B
GND
3
2
4
5
1
A
VCC
C
B
GND
A
GND
VCC
C
B
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323L – JUNE 2001 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Low On-State Resistance, Typically ≈5.5 Ω
NanoFree™ Package
(V
CC = 4.5 V)
• 1.65-V to 5.5-V V
CC Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Max t
pd of 0.8 ns at 3.3 V
–
2000-V Human-Body Model (A114-A)
• High On-Off Output Voltage Ratio
–
200-V Machine Model (A115-A)
• High Degree of Linearity
–
1000-V Charged-Device Model (C101)
• High Speed, Typically 0.5 ns
(V
CC = 3 V, CL = 50 pF)
This single analog switch is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G66 can handle both analog and digital signals. The device permits signals with amplitudes of
up to 5.5 V (peak) to be transmitted in either direction.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74LVC1G66YZPR
_ _ _C6_
(Pb-free)
Reel of 3000
SN74LVC1G66DBVR
SOT (SOT-23) – DBV
C66_
–40
°C to 85°C
Reel of 250
SN74LVC1G66DBVT
Reel of 3000
SN74LVC1G66DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G66DCKT
C6_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G66DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G66DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DRLR TI1-SN74LVC1G66DRLR Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
logo
TECH PUBLIC Electronics...
SN74LVC1G66DRLR-TP TECHPUBLIC-SN74LVC1G66DRLR-TP Datasheet
5Mb / 11P
SINGLE BILATRAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G66DRLRG4 TI1-SN74LVC1G66DRLRG4 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
More results

Similar Description - SN74LVC1G66DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com