Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DBVR
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G97DBVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G97DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Electrical Characteristics
SN74LVC1G97
CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES416J – DECEMBER 2002 – REVISED JANUARY 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
1.65 V
0.79
1.16
2.3 V
1.11
1.56
VT+
Positive-going input
3 V
1.5
1.87
V
threshold voltage
4.5 V
2.16
2.74
5.5 V
2.61
3.33
1.65 V
0.35
0.62
2.3 V
0.58
0.87
VT–
Negative-going input
3 V
0.84
1.19
V
threshold voltage
4.5 V
1.41
1.9
5.5 V
1.87
2.29
1.65 V
0.3
0.62
2.3 V
0.4
0.8
∆V
T
3 V
0.53
0.87
V
Hysteresis (VT+ – VT–)
4.5 V
0.71
1.04
5.5 V
0.71
1.11
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
µA
One input at VCC – 0.6 V,
∆I
CC
3 V to 5.5 V
500
µA
Other inputs at VCC or GND
CI
VI = VCC or GND
3.3 V
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com