Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-0912S Datasheet(PDF) 1 Page - Recom International Power

Part # ROM-0912S
Description  1 Watt SIP4 Micro Size Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROM-0912S Datasheet(HTML) 1 Page - Recom International Power

  ROM-0912S Datasheet HTML 1Page - Recom International Power ROM-0912S Datasheet HTML 2Page - Recom International Power ROM-0912S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
19
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP4 Micro Size Pack.
(VDC)
(VDC)
(mA)
(%)
ROM-xx1.8S
1.8, 3.3, 5, 9, 12, 15, 24
1.8
550
70
ROM-xx3.3S
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
ROM-xx05S
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
ROM-xx09S
1.8, 3.3, 5, 9, 12, 15, 24
9
111
70-78
ROM-xx12S
1.8, 3.3, 5, 9, 12, 15, 24
12
83
78-82
ROM-xx15S
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
ROM-xx24S
1.8, 3.3, 5, 9, 12, 15, 24
24
41
74-85
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
1 Watt
SIP4
Micro Size
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
ROM
Series
● Micro Size SIP4 Package
● 3kVDC Isolation
● Industry Standard Pinout
● UL94V-0 Package Material
● Custom Solutions Available
● Cost Effective
● Efficiency to 85%
Features
Unregulated
Converters
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
101mW min. / 126mW typ. / 171mW max.
Isolation Voltage
(tested for 1 second)
3.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
1g
MTBF (+25°C)
using MIL-HDBK 217F
977 x 103 hours
(+85°C)
using MIL-HDBK 217F
189 x 103 hours
The ROM Micro Size DC/DC-Converter has been designed for isolating resp. converting DC Power Rails.
It provides a small micro-size package, high efficiency, low output ripple, high 3kVDC Isolation and an
extended –40°C to +85°C operating temperature range.
State of the art packaging and automated manufacturing ensures cost-effectiveness and short lead times.
Description
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - ROM-0912S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROM-0912S RECOM-ROM-0912S Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0912SP RECOM-ROM-0912SP Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
More results

Similar Description - ROM-0912S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
1 Watt SIP4 & SIP7 Single Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com