Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G04_101 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G04_101
Description  DUAL INVERTER GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G04_101 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G04_101 Datasheet HTML 1Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 2Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 3Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 4Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 5Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 6Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 7Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 8Page - Texas Instruments SN74LVC2G04_101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
3
2
4
6
1
1A
1Y
2Y
GND
2A
DBV PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
1A
1Y
2Y
GND
2A
3
2
4
6
1
1A
1Y
2Y
GND
2A
1A
2A
1Y
2Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G04
DUAL INVERTER GATE
SCES195L – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• I
off Supports Partial-Power-Down Mode
NanoFree™ Package
Operation
• Supports 5-V V
CC Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Max t
pd of 4.1 ns at 3.3 V
–
2000-V Human-Body Model (A114-A)
• Low Power Consumption, 10-µA Max I
CC
–
200-V Machine Model (A115-A)
• ±24-mA Output Drive at 3.3 V
–
1000-V Charged-Device Model (C101)
• Typical V
OLP (Output Ground Bounce) <0.8 V
at V
CC = 3.3 V, TA = 25°C
• Typical V
OHV (Output VOH Undershoot) >2 V at
V
CC = 3.3 V, TA = 25°C
This dual inverter is designed for 1.65-V to 5.5-V VCC operation. The SN74LVC2G04 performs the Boolean
function Y = A.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74LVC2G04YZPR
_ _ _CC_
(Pb-free)
Reel of 3000
SN74LVC2G04DBVR
SOT (SOT-23) – DBV
C04_
–40
°C to 85°C
Reel of 250
SN74LVC2G04DBVT
Reel of 3000
SN74LVC2G04DCKR
SOT (SC-70) – DCK
CC_
Reel of 250
SN74LVC2G04DCKT
SOT (SOT-563) – DRL
Reel of 4000
SN74LVC2G04DRLR
CC_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G04_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
DUAL INVERTER GATE
More results

Similar Description - SN74LVC2G04_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
DUAL INVERTER GATE
Rev 3
logo
Texas Instruments
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
Dual Inverter Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com