Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5AG Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SSF5AG
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 5.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SSF5AG Datasheet(HTML) 1 Page - Gulf Semiconductor

  SSF5AG Datasheet HTML 1Page - Gulf Semiconductor SSF5AG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SSF5AG THRU SSF5GG
ULTRAFAST EFFICIENT
GLASS PASSIVATED RECTIFIER
VOLTAGE:50 TO 400V
CURRENT: 5.0A
FEATURE
DO-201AD
Low power loss
High surge capability
Ultra-fast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SSF
5AG
SSF
5BG
SSF
5CG
SSF
5DG
SSF
5FG
SSF
5GG
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
150
200
300
400
V
Maximum RMS Voltage
Vrms
35
70
105
140
210
280
V
Maximum DC blocking Voltage
Vdc
50
100
150
200
300
400
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
5.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
150.0
A
Maximum Forward Voltage at Forward current
5A Peak
Vf
0.95
1.25
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10.0
100.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance
(Note 2)
Cj
65
pF
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
RATINGS AND CHARACTERISTIC CURVES SSF5AG THRU SSF5GG


Similar Part No. - SSF5AG

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF50 CYNERGY3-SSF50 Datasheet
392Kb / 2P
Compact Float Switch with Integral Slosh Guard & Optional Check Facility
SSF50X100X CYNERGY3-SSF50X100X Datasheet
392Kb / 2P
Compact Float Switch with Integral Slosh Guard & Optional Check Facility
SSF50X100X-C CYNERGY3-SSF50X100X-C Datasheet
392Kb / 2P
Compact Float Switch with Integral Slosh Guard & Optional Check Facility
logo
Silikron Semiconductor ...
SSF53A0E SILIKRON-SSF53A0E Datasheet
259Kb / 5P
High Power and current handing capability
SSF5506 SILIKRON-SSF5506 Datasheet
335Kb / 8P
Advanced MOSFET process technology
More results

Similar Description - SSF5AG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1S2G GULFSEMI-1S2G Datasheet
67Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 400V CURRENT: 0.7A
BY550G-400 GULFSEMI-BY550G-400 Datasheet
93Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 400V CURRENT: 5.0A
ER502N GULFSEMI-ER502N Datasheet
100Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200V CURRENT: 5.0A
ER504 GULFSEMI-ER504 Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 400V CURRENT: 5.0A
HER604G GULFSEMI-HER604G Datasheet
102Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?400V CURRENT竊?6.0A
MUR105 GULFSEMI-MUR105 Datasheet
97Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MURS105 GULFSEMI-MURS105 Datasheet
134Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
SSF1AG GULFSEMI-SSF1AG Datasheet
104Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 1.0A
SSF3AG GULFSEMI-SSF3AG Datasheet
185Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 3.0A
SSF5JG GULFSEMI-SSF5JG Datasheet
147Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600 TO 1000V CURRENT: 5.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com