Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2T45DCTTE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC2T45DCTTE4
Description  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2T45DCTTE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2T45DCTTE4 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 9Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 10Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 11Page - Texas Instruments SN74LVC2T45DCTTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
Operating Characteristics
SN74LVC2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES516I – DECEMBER 2003 – REVISED MARCH 2007
T
A = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
A-port input,
3
4
4
4
CL = 0 pF,
B-port output
CpdA(1)
f = 10 MHz,
pF
B-port input,
tr = tf = 1 ns
18
19
20
21
A-port output
A-port input,
18
19
20
21
CL = 0 pF,
B-port output
CpdB(1)
f = 10 MHz,
pF
B-port input,
tr = tf = 1 ns
3
4
4
4
A-port output
(1)
Power dissipation capacitance per transceiver
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com