Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC16244ADLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC16244ADLR
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16244ADLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC16244ADLR Datasheet HTML 1Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 2Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 3Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 4Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 5Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 6Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 7Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 8Page - Texas Instruments SN74LVC16244ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
abc
SN74LVC16244A
SCAS699B – AUGUST 2003 – REVISED APRIL 2009....................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
MicroStar™ Junior BGA – ZQL
Tape and reel
SN74LVC16244AZQLR
LD244A
FBGA – GRD
SN74LVC16244AGRDR
Tape and reel
LD244A
FBGA – ZRD (Pb-free)
SN74LVC16244AZRDR
Tube
SN74LVC16244ADL
SSOP – DL
LVC16244A
Tape and reel
SN74LVC16244ADLR
–40°C to 85°C
SN74LVC16244ADGGR
TSSOP – DGG
Tape and reel
LVC16244A
74LVC16244ADGGRG4
SN74LVC16244ADGVR
TVSOP – DGV
Tape and reel
LD244A
74LVC16244ADGVRE4
VFBGA – GQL
Tape and reel
SN74LVC16244AGQLR
LD244A
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1OE
NC
NC
NC
NC
2OE
B
1Y2
1Y1
GND
GND
1A1
1A2
C
1Y4
1Y3
VCC
VCC
1A3
1A4
D
2Y2
2Y1
GND
GND
2A1
2A2
E
2Y4
2Y3
2A3
2A4
F
3Y1
3Y2
3A2
3A1
G
3Y3
3Y4
GND
GND
3A4
3A3
H
4Y1
4Y2
VCC
VCC
4A2
4A1
J
4Y3
4Y4
GND
GND
4A4
4A3
K
4OE
NC
NC
NC
NC
3OE
abc
(1)
NC – No internal connection
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC16244A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com