Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC06ARGYRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC06ARGYRG4
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC06ARGYRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC06ARGYRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC06ARGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LVC06A . . . J OR W PACKAGE
SN74LVC06A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LVC06A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
SN74LVC06A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
DESCRIPTION/ORDERING INFORMATION
SN54LVC06A, SN74LVC06A
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS596N – OCTOBER 1997 – REVISED JULY 2005
•
Operate From 1.65 V to 3.6 V
•
Max t
pd of 3.7 ns at 3.3 V
•
Specified From –40
°C to 85°C,
•
I
off Supports Partial-Power-Down Mode
–40
°C to 125°C, and –55°C to 125°C
Operation
•
Inputs and Open-Drain Outputs Accept
•
Latch-Up Performance Exceeds 250 mA Per
Voltages up to 5.5 V
JESD 17
These hex inverter buffers/drivers are designed for 1.65-V to 3.6-V VCC operation.
The outputs of the 'LVC06A devices are open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 24 mA.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC06ARGYR
LC06A
Tube of 50
SN74LVC06AD
SOIC – D
Reel of 2500
SN74LVC06ADR
LVC06A
Reel of 250
SN74LVC06ADT
SOP – NS
Reel of 2000
SN74LVC06ANSR
LVC06A
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC06ADBR
LC06A
Tube of 90
SN74LVC06APW
TSSOP – PW
Reel of 2000
SN74LVC06APWR
LC06A
Reel of 250
SN74LVC06APWT
TVSOP – DGV
Reel of 2000
SN74LVC06ADGVR
LC06A
CDIP – J
Tube of 25
SNJ54LVC06AJ
SNJ54LVC06AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC06AW
SNJ54LVC06AW
LCCC – FK
Tube of 55
SNJ54LVC06AFK
SNJ54LVC06AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 1997–2005, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - SN74LVC06ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC06ARGYRG4 TI-SN74LVC06ARGYRG4 Datasheet
665Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC06ARGYRG4 TI-SN74LVC06ARGYRG4 Datasheet
738Kb / 21P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LVC06ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A Datasheet
93Kb / 8P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
Hex Inverter Buffers/Drivers With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com