Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC138ADBLE
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC138ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC138ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC138ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
SN74LVC138A . . . RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G1
Y7
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
SN54LVC138A . . . J OR W PACKAGE
SN74LVC138A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54LVC138A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
SN54LVC138A, SN74LVC138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCAS291T – MARCH 1993 – REVISED JULY 2005
•
Operate From 1.65 V to 3.6 V
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
Inputs Accept Voltages to 5.5 V
•
ESD Protection Exceeds JESD 22
•
Max t
pd of 5.8 ns at 3.3 V
– 2000-V Human-Body Model (A114-A)
•
Typical V
OLP (Output Ground Bounce)
< 0.8 V at V
CC = 3.3 V, TA = 25°C
– 200-V Machine Model (A115-A)
•
Typical V
OHV (Output VOH Undershoot)
– 1000-V Charged-Device Model (C101)
> 2 V at V
CC = 3.3 V, TA = 25°C
BRK
BRK
The SN54LVC138A 3-line to 8-line decoder/demultiplexer is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC138A 3-line to 8-line decoder/demultiplexer is designed for 1.65-V to 3.6-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC138ARGYR
LC138A
Tube of 40
SN74LVC138AD
SOIC – D
Reel of 2500
SN74LVC138ADR
LVC138A
Reel of 250
SN74LVC138ADT
SOP – NS
Reel of 2000
SN74LVC138ANSR
LVC138A
SSOP – DB
Reel of 2000
SN74LVC138ADBR
LC138A
–40
°C to 85°C
Tube of 90
SN74LVC138APW
TSSOP – PW
Reel of 2000
SN74LVC138APWR
LC138A
Reel of 250
SN74LVC138APWT
TVSOP – DGV
Reel of 2000
SN74LVC138ADGVR
LC138A
VFBGA – GQN
SN74LVC138AGQNR
Reel of 1000
LC138A
VFBGA – ZQN (Pb-free)
SN74LVC138AZQNR
CDIP – J
Tube of 25
SNJ54LVC138AJ
SNJ54LVC138AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC138AW
SNJ54LVC138AW
LCCC – FK
Tube of 55
SNJ54LVC138AFK
SNJ54LVC138AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC138ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC138ADBLE TI-SN74LVC138ADBLE Datasheet
948Kb / 24P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LVC138ADBLE TI-SN74LVC138ADBLE Datasheet
1Mb / 29P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LVC138ADBLE TI1-SN74LVC138ADBLE Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LVC138ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com