Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC74APWLE
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC74APWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC74APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC74APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC74A, SN74LVC74A
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCAS287S – JANUARY 1993 – REVISED MAY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC74A
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
83
83
83
150
MHz
PRE or CLR low
4.1
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
4.1
3.3
3.3
3.3
Data
3.6
2.3
3.4
3
tsu
Setup time before CLK
↑
ns
PRE or CLR inactive
2.7
1.9
2.2
2
th
Hold time, data after CLK
↑
1
1
1
0
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC74A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
fmax
83
100
MHz
CLK
6
1
5.2
tpd
Q or Q
ns
PRE or CLR
6.4
1
5.4
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC74A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
83
83
83
150
MHz
CLK
1
7.1
1
4.4
1
6
1
5.2
tpd
Q or Q
ns
PRE or CLR
1
6.9
1
4.6
1
6.4
1
5.4
tsk(o)
1
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Cpd
Power dissipation capacitance per flip-flop
f = 10 MHz
24
24
26
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com