Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574PWR
Description  REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574PWR Datasheet(HTML) 2 Page - Texas Instruments

  PCF8574PWR Datasheet HTML 1Page - Texas Instruments PCF8574PWR Datasheet HTML 2Page - Texas Instruments PCF8574PWR Datasheet HTML 3Page - Texas Instruments PCF8574PWR Datasheet HTML 4Page - Texas Instruments PCF8574PWR Datasheet HTML 5Page - Texas Instruments PCF8574PWR Datasheet HTML 6Page - Texas Instruments PCF8574PWR Datasheet HTML 7Page - Texas Instruments PCF8574PWR Datasheet HTML 8Page - Texas Instruments PCF8574PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
PCF8574
SCPS068G – JULY 2001 – REVISED MAY 2008 ............................................................................................................................................................... www.ti.com
The PCF8574 provides an open-drain output (INT) that can be connected to the interrupt input of a
microcontroller. An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After
time, tiv, INT is valid. Resetting and reactivating the interrupt circuit is achieved when data on the port is changed
to the original setting or data is read from, or written to, the port that generated the interrupt. Resetting occurs in
the read mode at the acknowledge bit after the rising edge of the SCL signal, or in the write mode at the
acknowledge bit after the high-to-low transition of the SCL signal. Interrupts that occur during the acknowledge
clock pulse can be lost (or be very short) due to the resetting of the interrupt during this pulse. Each change of
the I/Os after resetting is detected and, after the next rising clock edge, is transmitted as INT. Reading from, or
writing to, another device does not affect the interrupt circuit.
By sending an interrupt signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C bus. Therefore, the PCF8574 can remain a simple slave
device.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PCF8574N
PDIP – N
Tube of 25
PCF8574N
PCF8574NE4
QFN – RGT
Reel of 3000
PCF8574RGTR
ZWJ
PCF8574RGYR
QFN – RGY
Reel of 1000
PF574
PCF8574RGYRG4
PCF8574DW
Tube of 40
PCF8574DWE4
SOIC – DW
PCF8574
–40
°C to 85°C
PCF8574DWR
Reel of 2000
PCF8574DWRE4
PCF8574PW
Tube of 70
PCF8574PWE4
TSSOP – PW
PF574
PCF8574PWR
Reel of 2000
PCF8574PWRE4
PCF8574DGVR
TVSOP – DGV
Reel of 2000
PF574
PCF8574DGVRE4
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com