Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5611PHD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611PHD
Description  125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611PHD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5611PHD Datasheet HTML 6Page - Texas Instruments TAS5611PHD Datasheet HTML 7Page - Texas Instruments TAS5611PHD Datasheet HTML 8Page - Texas Instruments TAS5611PHD Datasheet HTML 9Page - Texas Instruments TAS5611PHD Datasheet HTML 10Page - Texas Instruments TAS5611PHD Datasheet HTML 11Page - Texas Instruments TAS5611PHD Datasheet HTML 12Page - Texas Instruments TAS5611PHD Datasheet HTML 13Page - Texas Instruments TAS5611PHD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TAS5611A
SLAS709 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
PVDD_X = 32.5V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 400 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as reference
VREG
VDD = 12 V
3
3.3
3.6
V
node, VREG
VI_CM
Analog comparator reference node, VI_CM
1.5
1.75
1.9
V
Operating, 50% duty cycle
20
IVDD
VDD supply current
mA
Idle, reset mode
20
50% duty cycle
10
IGVDD_X
GVDD_x gate-supply current per half-bridge
mA
Reset mode
1.5
50% duty cycle with recommended output
10
mA
filter
IPVDD_X
Half-bridge supply current
Reset mode, No switching
540
mA
ANALOG INPUTS
RIN
Input resistance
READY = HIGH
33
k
Ω
VIN
Maximum input voltage swing
7
V
IIN
Maximum input current
1
mA
G
Voltage Gain (VOUT/VIN)
21
dB
OSCILLATOR
Nominal, Master Mode
3.5
4
4.5
fOSC_IO+
AM1, Master Mode
FPWM × 10
3.0
3.4
3.8
MHz
AM2, Master Mode
2.6
3
3.35
VIH
High level input voltage
1.86
V
VIL
Low level input voltage
1.45
V
OUTPUT-STAGE MOSFETs
Drain-to-source resistance, low side (LS)
60
100
m
Ω
TJ = 25°C, excludes metallization
RDS(on)
resistance, GVDD = 12 V
Drain-to-source resistance, high side (HS)
60
100
m
Ω
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5611A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com