Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2106053-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2106053-4
Description  SlimSeal SSL Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2106053-4 Datasheet(HTML) 2 Page - Tyco Electronics

  2106053-4 Datasheet HTML 1Page - Tyco Electronics 2106053-4 Datasheet HTML 2Page - Tyco Electronics 2106053-4 Datasheet HTML 3Page - Tyco Electronics 2106053-4 Datasheet HTML 4Page - Tyco Electronics 2106053-4 Datasheet HTML 5Page - Tyco Electronics 2106053-4 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIGHTING
APPLICATIONS
emergency
channel/sign
Indoor
street & stadium
commercial
refrigeration
Office
Architectural
digital signage
electricAl
Operating Current : 5 AMPS (18-20 AWG) & 3.5 AMPS (22-24 AWG)
Maximum Operating Voltage : 250 VAC/250 VDC
Dielectric Withstanding Voltage : 1500 VAC
mecHAnicAl
Number of positions : 2, 3 and 4
Operating Temperature : -40°C to 105°C
Seal Rating : IP67
Durability : 30 mating cycles
mAteriAls
Housings : UL 94 V0 rated high temperature resistant thermoplastic
Receptacle Contacts : Tin Plated Copper Alloy
Tab Contacts : Tin Plated Brass
Integral Seals : Silicone Rubber
stAndArds And specificAtions
UL 1977, CSA C22.2 No. 182.3
TE Application Specification : 114-13261
TE Product Specification : 108-2391
Exposure : UL 746C F1 (suitable for outdoor use, wire-to-wire only)
ApplicAtion toolinG
22-24 AWG Tab and Receptacle Terminals
PART NUMBER
DESCRIPTION
2063956-1
Hand Tool
1530178-2
HDI Applicator-Bench Terminator
1530178-1
HDI Applicator-Leadmaker
18-20 AWG Tab and Receptacle Terminals
PART NUMBER
DESCRIPTION
2063957-1
Hand Tool
1530177-2
HDI Applicator-Bench Terminator
1530177-1
HDI Applicator-Leadmaker
Tyco Electronics | SlimSeal SSL Connector
SlimSeal
SSL Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com