Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082ACP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL082ACP Datasheet HTML 12Page - Texas Instruments TL082ACP Datasheet HTML 13Page - Texas Instruments TL082ACP Datasheet HTML 14Page - Texas Instruments TL082ACP Datasheet HTML 15Page - Texas Instruments TL082ACP Datasheet HTML 16Page - Texas Instruments TL082ACP Datasheet HTML 17Page - Texas Instruments TL082ACP Datasheet HTML 18Page - Texas Instruments TL082ACP Datasheet HTML 19Page - Texas Instruments TL082ACP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Output B
Output A
1.5 k
Ω
VCC −
43 k
Ω
220 pF
43 k
Ω
VCC +
30 k
Ω
VCC +
43 k
Ω
VCC −
16 k
Ω
43 k
Ω
Input
220 pF
220 pF
16 k
Ω
VCC −
VCC +
30 k
Ω
VCC +
43 k
Ω
220 pF
43 k
Ω
VCC −
1.5 k
Ω
1/4
TL084
2 kHz/div
Second-Order Bandpass Filter
fo = 100 kHz, Q = 30, GAIN = 4
2 kHz/div
Cascaded Bandpass Filter
fo = 100 kHz, Q = 69, GAIN = 16
Output A
Output
B
1/4
TL084
1/4
TL084
1/4
TL084
Figure 27. Positive-Feedback Bandpass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com