Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064ACD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL064ACD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL064ACD Datasheet(HTML) 5 Page - Texas Instruments

  TL064ACD Datasheet HTML 1Page - Texas Instruments TL064ACD Datasheet HTML 2Page - Texas Instruments TL064ACD Datasheet HTML 3Page - Texas Instruments TL064ACD Datasheet HTML 4Page - Texas Instruments TL064ACD Datasheet HTML 5Page - Texas Instruments TL064ACD Datasheet HTML 6Page - Texas Instruments TL064ACD Datasheet HTML 7Page - Texas Instruments TL064ACD Datasheet HTML 8Page - Texas Instruments TL064ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
TL06_C
TL06_AC
TL06_BC
TL06_I
TL06_M
UNIT
Supply voltage, VCC+ (see Note 1)
18
18
18
V
Supply voltage, VCC− (see Note 1)
−18
−18
−18
V
Differential input voltage, VID (see Note 2)
±30
±30
±30
V
Input voltage, VI (see Notes 1 and 3)
±15
±15
±15
V
Duration of output short circuit (see Note 4)
Unlimited
Unlimited
Unlimited
D (8-pin) package
97
97
D (14-pin) package
86
86
N package
80
80
NS package
76
76
Package thermal impedance,
θJA (see Notes 5 and 6)
P package
85
85
°C/W
Package thermal impedance, JA (see Notes 5 and 6)
PS package
95
95
C/W
PW (8-pin) package
149
149
PW (14-pin)
package
113
113
FK package
5.61
Package thermal impedance,
θJC (see Notes 7 and 8)
J package
15.05
°C/W
Package thermal impedance,
θJC (see Notes 7 and 8)
JG package
14.5
°C/W
W package
14.65
Operating virtual junction temperature, TJ
150
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60
J, JG, U, or
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60
seconds
J, JG, U, or
W package
300
°C
Lead temperature 1,6 mm (1/6 inch) from case for 10
D, N, NS, P, PS,
260
260
°C
Lead temperature 1,6 mm (1/6 inch) from case for 10
seconds
D, N, NS, P, PS,
or PW package
260
260
°C
Storage temperature range, Tstg
−65 to 150
−65 to 150
−65 to 150
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values except differential voltages are with respect to the midpoint between VCC+ and VCC−.
2. Differential voltages are at IN+ with respect to IN−.
3. The magnitude of the input voltage should never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
6. The package thermal impedance is calculated in accordance with JESD 51-7.
7. Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) − TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
8. The package thermal impedance is calculated in accordance with MIL-STD-883.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com