Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082ACD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL082ACD Datasheet HTML 9Page - Texas Instruments TL082ACD Datasheet HTML 10Page - Texas Instruments TL082ACD Datasheet HTML 11Page - Texas Instruments TL082ACD Datasheet HTML 12Page - Texas Instruments TL082ACD Datasheet HTML 13Page - Texas Instruments TL082ACD Datasheet HTML 14Page - Texas Instruments TL082ACD Datasheet HTML 15Page - Texas Instruments TL082ACD Datasheet HTML 16Page - Texas Instruments TL082ACD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 17
− 50
0.01
TA − Free-Air Temperature − °C
125
100
− 25
0
25
50
75
100
0.1
1
10
V CC ± = ± 15 V
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
Figure 18
VCC ± = ±15 V
RL = 2 k Ω
CL = 100 pF
TA = 25°C
Output
4
2
0
− 2
− 4
3
2.5
2
1.5
1
0.5
0
6
3.5
t − Time −
µs
− 6
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
Input
Figure 19
− 4
t − Elapsed Time −
µs
1.2
28
0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
24
OUTPUT VOLTAGE
vs
ELAPSED TIME
VCC ± = ±15 V
RL = 2 k Ω
CL = 100 pF
TA = 25°C
See Figure 1
Figure 20
RL = 10 kΩ
VCC ± = ±15 V
88
87
86
85
84
100
75
50
25
0
− 25
− 50
89
125
TA − Free-Air Temperature − °C
83
− 75
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com