Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082ACDR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACDR
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL082ACDR Datasheet HTML 10Page - Texas Instruments TL082ACDR Datasheet HTML 11Page - Texas Instruments TL082ACDR Datasheet HTML 12Page - Texas Instruments TL082ACDR Datasheet HTML 13Page - Texas Instruments TL082ACDR Datasheet HTML 14Page - Texas Instruments TL082ACDR Datasheet HTML 15Page - Texas Instruments TL082ACDR Datasheet HTML 16Page - Texas Instruments TL082ACDR Datasheet HTML 17Page - Texas Instruments TL082ACDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 21
10
0
f − Frequency − Hz
100 k
50
10
20
30
40
VCC ± = ±15 V
AVD = 10
RS = 20 Ω
TA = 25°C
40
100
400 1 k
4 k 10 k
40 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
Figure 22
0.001
1
VCC ± = ±15 V
AVD = 1
VI(RMS) = 6 V
TA = 25°C
40 k
10 k
4 k
1 k
400
100 k
f − Frequency − Hz
10
0.004
0.01
0.04
0.1
0.4
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
APPLICATION INFORMATION
Figure 23
−15 V
15 V
Output
1 k
Ω
9.1 k
Ω
3.3 k
Ω
CF = 3.3 µF
RF = 100 kΩ
3.3 k
Ω
TL081
f =
2
π RF CF
1
Figure 24
R1
C1
C2
R3
C3
VCC −
VCC +
TL081
Output
Input
R2
R1 = R2 = 2(R3) = 1.5 M
Ω
fo =
2
π R1 C1
1
= 1 kHz
C1 = C2 =
= 110 pF
C3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com