Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074BCN Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL074BCN
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL074BCN Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL074BCN Datasheet HTML 13Page - Texas Instruments TL074BCN Datasheet HTML 14Page - Texas Instruments TL074BCN Datasheet HTML 15Page - Texas Instruments TL074BCN Datasheet HTML 16Page - Texas Instruments TL074BCN Datasheet HTML 17Page - Texas Instruments TL074BCN Datasheet HTML 18Page - Texas Instruments TL074BCN Datasheet HTML 19Page - Texas Instruments TL074BCN Datasheet HTML 20Page - Texas Instruments TL074BCN Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table of Application Diagrams
APPLICATION DIAGRAM
PART
NUMBER
FIGURE
0.5-Hz square-wave oscillator
TL071
23
High-Q notch filter
TL071
24
Audio-distribution amplifier
TL074
25
100-kHz quadrature oscillator
TL072
26
AC amplifier
TL071
27
Figure 23. 0.5-Hz Square-Wave Oscillator
−15 V
15 V
Output
1 k
Ω
9.1 k
Ω
3.3 k
Ω
CF = 3.3 μF
RF = 100 kΩ
3.3 k
Ω
TL071
f
+
1
2
p R
F
C
F
Figure 24. High-Q Notch Filter
R2
R1
C1
C2
R3
C3
VCC−
VCC+
TL071
Output
Input
C1
+ C2 + C3
2
+ 110 pF
f
O +
1
2
p R1 C1
+ 1kHz
R1
+ R2 + 2R3 + 1.5 MW
100
μF
TL074
Output C
VCC+
VCC+
Output B
TL074
VCC+
Output A
TL074
VCC+
TL074
VCC+
100 k
Ω
Input
1
μF
1 M
Ω
100 k
Ω
100 k
Ω
VCC−
100 k
Ω
VCC−
VCC−
VCC−
Figure 25. Audio-Distribution Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com