Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062BCD Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TL062BCD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062BCD Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL062BCD Datasheet HTML 14Page - Texas Instruments TL062BCD Datasheet HTML 15Page - Texas Instruments TL062BCD Datasheet HTML 16Page - Texas Instruments TL062BCD Datasheet HTML 17Page - Texas Instruments TL062BCD Datasheet HTML 18Page - Texas Instruments TL062BCD Datasheet HTML 19Page - Texas Instruments TL062BCD Datasheet HTML 20Page - Texas Instruments TL062BCD Datasheet HTML 21Page - Texas Instruments TL062BCD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TL061
N2
0.1
µF
10 k
Ω
50
Ω
250 k
Ω
N1
Output
1 M
Ω
VCC+
10 k
Ω
10 k
Ω
0.1
µF
Figure 24. AC Amplifier
1.2 M
Ω
100 k
Ω
20
µF
+
−
0.1
µF
47 k
Ω
TL061
2.7 k
Ω
270
Ω 0.003 µF
0.001
µF
0.002
µF
1
µF
10 k
Ω
100 k
Ω
50 k
Ω
0.06
µF
50 k
Ω
10 k
Ω
100 k
Ω
1 k
Ω
0.06
µF
10 k
Ω
0.02
µF
100 k
Ω
+
Figure 25. Microphone Preamplifier With Tone Control
IN−
IN+
100 k
Ω
TL062
TL062
1 k
Ω
1 k
Ω
100 k
Ω
−
+
−
+
Output
Figure 26. Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com