Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL061IP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL061IP
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL061IP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL061IP Datasheet HTML 6Page - Texas Instruments TL061IP Datasheet HTML 7Page - Texas Instruments TL061IP Datasheet HTML 8Page - Texas Instruments TL061IP Datasheet HTML 9Page - Texas Instruments TL061IP Datasheet HTML 10Page - Texas Instruments TL061IP Datasheet HTML 11Page - Texas Instruments TL061IP Datasheet HTML 12Page - Texas Instruments TL061IP Datasheet HTML 13Page - Texas Instruments TL061IP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Maximum peak output voltage vs Supply voltage
4
Maximum peak output voltage vs Free-air temperature
5
Maximum peak output voltage vs Load resistance
6
Maximum peak output voltage vs Frequency
7
Differential voltage amplification vs Free-air temperature
8
Large-signal differential voltage amplification vs Frequency
9
Phase shift vs Frequency
9
Supply current vs Supply voltage
10
Supply current vs Free-air temperature
11
Total power dissipation vs Free-air temperature
12
Common-mode rejection ratio vs Free-air temperature
13
Normalized unity-gain bandwidth vs Free-air temperature
14
Normalized slew rate vs Free-air temperature
14
Normalized phase shift vs Free-air temperature
14
Input bias current vs Free-air temperature
15
Voltage-follower large-signal pulse response vs Time
16
Output voltage vs Elapsed time
17
Equivalent input noise voltage vs Frequency
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com