Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705ACD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7705ACD
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705ACD Datasheet(HTML) 4 Page - Texas Instruments

  TL7705ACD Datasheet HTML 1Page - Texas Instruments TL7705ACD Datasheet HTML 2Page - Texas Instruments TL7705ACD Datasheet HTML 3Page - Texas Instruments TL7705ACD Datasheet HTML 4Page - Texas Instruments TL7705ACD Datasheet HTML 5Page - Texas Instruments TL7705ACD Datasheet HTML 6Page - Texas Instruments TL7705ACD Datasheet HTML 7Page - Texas Instruments TL7705ACD Datasheet HTML 8Page - Texas Instruments TL7705ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028I − APRIL 1983 − REVISED JULY 2009
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3.5
18
V
VIH
High-level input voltage at RESIN
2
V
VIL
Low-level input voltage at RESIN
0.6
V
TL7702A
0
See Note 2
TL7705A
0
10
VI
Input voltage, SENSE
TL7709A
0
15
V
I
pg
TL7712A
0
20
TL7715A
0
20
IOH
High-level output current, RESET
−16
mA
IOL
Low-level output current, RESET
16
mA
T
Operating free air temperature range
TL77xxAC
0
70
°C
TA
Operating free-air temperature range
TL77xxAI
−40
85
°C
NOTE 2: For proper operation of the TL7702A, the voltage applied to the SENSE terminal should not exceed VCC − 1 V or 6 V, whichever is less.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL77xxAC
TL77xxAI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, RESET
IOH = −16 mA
VCC−1.5
V
VOL
Low-level output voltage, RESET
IOL = 16 mA
0.4
V
Vref
Reference voltage
TA = 25°C
2.48
2.53
2.58
V
TL7702A
2.48
2.53
2.58
Nti
i
it th
h ld
lt
TL7705A
4.5
4.55
4.6
VIT−
Negative-going input threshold voltage,
SENSE
TL7709A
TA = 25°C
7.5
7.6
7.7
V
VIT−
SENSE
TL7712A
TA
25 C
10.6
10.8
11
V
TL7715A
13.2
13.5
13.8
TL7702A
10
TL7705A
15
Vhys
Hysteresis, SENSE (VIT+ − VIT−)
TL7709A
TA = 25°C
20
mV
Vhys
Hysteresis, SENSE (VIT+
VIT−)
TL7712A
TA
25 C
35
mV
TL7715A
45
RESIN
VI = 2.4 V to VCC
20
II
Input current
RESIN
VI = 0.4 V
−100
µA
II
Input current
SENSE
TL7702A
Vref < VI < VCC − 1.5 V
0.5
2
µA
IOH
High-level output current, RESET
VO = 18 V
50
µA
IOL
Low-level output current, RESET
VO = 0
−50
µA
ICC
Supply current
All inputs and outputs open
1.8
3
mA
† All electrical characteristics are measured with 0.1-
µF capacitors connected at REF, CT, and VCC to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com