Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX3012 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSX3012
Description  2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX3012 Datasheet(HTML) 1 Page - ON Semiconductor

  NLSX3012 Datasheet HTML 1Page - ON Semiconductor NLSX3012 Datasheet HTML 2Page - ON Semiconductor NLSX3012 Datasheet HTML 3Page - ON Semiconductor NLSX3012 Datasheet HTML 4Page - ON Semiconductor NLSX3012 Datasheet HTML 5Page - ON Semiconductor NLSX3012 Datasheet HTML 6Page - ON Semiconductor NLSX3012 Datasheet HTML 7Page - ON Semiconductor NLSX3012 Datasheet HTML 8Page - ON Semiconductor NLSX3012 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 1
1
Publication Order Number:
NLSX3012/D
NLSX3012
2-Bit 100 Mb/s Configurable
Dual-Supply Level
Translator
The NLSX3012 is a 2−bit configurable dual−supply bidirectional
level translator without a direction control pin. The I/O VCC− and I/O
VL−ports are designed to track two different power supply rails, VCC
and VL respectively. The VCC supply rail is configurable from 1.3 V
to 4.5 V while the VL supply rail is configurable from 0.9 V to (VCC
− 0.4) V. This allows lower voltage logic signals on the VL side to be
translated into higher voltage logic signals on the VCC side, and
vice−versa. Both I/O ports are auto−sensing; thus, no direction pin is
required.
The Output Enable (EN) input, when Low, disables both I/O ports
by putting them in 3−state. This significantly reduces the supply
currents from both VCC and VL. The EN signal is designed to track
VL.
Features
• Wide High−Side VCC Operating Range: 1.3 V to 4.5 V
Wide Low−Side VL Operating Range: 0.9 V to (VCC − 0.4) V
• High−Speed with 140 Mb/s Guaranteed Date Rate for VL > 1.8 V
• Low Bit−to−Bit Skew
• Overvoltage Tolerant Enable and I/O Pins
• Non−preferential Powerup Sequencing
• Small packaging: UDFN8, SO−8, Micro8
• This is a Pb−Free Device
Typical Applications
• Mobile Phones, PDAs, Other Portable Devices
• PC and Laptops
MARKING
DIAGRAMS
http://onsemi.com
UDFN8
MU SUFFIX
CASE 517AJ
1
8
VA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
VAM
G
Device
Package
Shipping†
ORDERING INFORMATION
NLSX3012MUTAG
UDFN8
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
8
SO−8
D SUFFIX
CASE 751
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
SX3012
ALYW G
G
1
8
Micro8
DM SUFFIX
CASE 846A
1
3012
AYW G
G
1
8
NLSX3012DR2G
SO−8
(Pb−Free)
2500/Tape & Reel
NLSX3012DMR2G
Micro8
(Pb−Free)
4000/Tape & Reel
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package


Similar Part No. - NLSX3012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3012 ONSEMI-NLSX3012 Datasheet
176Kb / 12P
Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSX3012DMR2G ONSEMI-NLSX3012DMR2G Datasheet
176Kb / 12P
Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSX3012DR2G ONSEMI-NLSX3012DR2G Datasheet
176Kb / 12P
Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSX3012MUTAG ONSEMI-NLSX3012MUTAG Datasheet
176Kb / 12P
Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
Dual-Supply Level Translator
September, 2011 ??Rev. 2
More results

Similar Description - NLSX3012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX3013 ONSEMI-NLSX3013 Datasheet
154Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
March, 2009 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX5011 ONSEMI-NLSX5011_15 Datasheet
116Kb / 14P
1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
November, 2015 ??Rev. 6
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com