Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705ACPSLE Datasheet(PDF) 5 Page - Texas Instruments

Part # TL7705ACPSLE
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705ACPSLE Datasheet(HTML) 5 Page - Texas Instruments

  TL7705ACPSLE Datasheet HTML 1Page - Texas Instruments TL7705ACPSLE Datasheet HTML 2Page - Texas Instruments TL7705ACPSLE Datasheet HTML 3Page - Texas Instruments TL7705ACPSLE Datasheet HTML 4Page - Texas Instruments TL7705ACPSLE Datasheet HTML 5Page - Texas Instruments TL7705ACPSLE Datasheet HTML 6Page - Texas Instruments TL7705ACPSLE Datasheet HTML 7Page - Texas Instruments TL7705ACPSLE Datasheet HTML 8Page - Texas Instruments TL7705ACPSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028I − APRIL 1983 − REVISED JULY 2009
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL77xxAC
TL77xxAI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output pulse duration
CT = 0.1 µF
0.65
1.2
2.6
msec
Input pulse duration at RESIN
0.4
µs
tw(S)
Pulse duration
at SENSE input to switch outputs
VIH = VIT− + 200 mV,
VIL = VIT− − 200 mV
2
µs
tpd
Propagation delay time, RESIN to RESET
VCC = 5 V
1
µs
t
Rise time
RESET
V
5V
See Note 5
0.2
s
tr
Rise time
RESET
VCC = 5 V,
See Note 5
3.5
µs
t
Fall time
RESET
V
5V
See Note 5
3.5
s
tf
Fall time
RESET
VCC = 5 V,
See Note 5
0.2
µs
† All switching characteristics are measured with 0.1-
µF capacitors connected at REF and VCC to GND.
NOTE 5: The rise and fall times are measured with a 4.7-k
Ω load resistor at RESET and RESET.
PARAMETER MEASUREMENT INFORMATION
0.7 V
tpd
10%
90%
tw(S)
10%
VIT+
VIT−
VIT+
0 V
VIH
VIL
2 V
50%
50%
10%
10%
90%
10%
td
SENSE
Undefined
RESET
Voltage
Drop
tf
tr
90%
tf
td
tr
RESIN
RESET
td
90%
VOH(RESET)
VOL(RESET)
Figure 1. Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com