Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV431ACDBVR Datasheet HTML 12Page - Texas Instruments TLV431ACDBVR Datasheet HTML 13Page - Texas Instruments TLV431ACDBVR Datasheet HTML 14Page - Texas Instruments TLV431ACDBVR Datasheet HTML 15Page - Texas Instruments TLV431ACDBVR Datasheet HTML 16Page - Texas Instruments TLV431ACDBVR Datasheet HTML 17Page - Texas Instruments TLV431ACDBVR Datasheet HTML 18Page - Texas Instruments TLV431ACDBVR Datasheet HTML 19Page - Texas Instruments TLV431ACDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Output
R = 18 k
Ω
TA = 25°C
18 k
Ω
50
Ω
GND
Output
Pulse
Generator
f = 100 kHz
TEST CIRCUIT FOR PULSE RESPONSE 1
01
2
3
4
PULSE RESPONSE 1
56
78
3.5
3
2.5
2
1.5
1
0.5
0
− 0.5
t − Time −
µs
Input
Ik
Figure 15
Output
R = 1.8 k
Ω
TA = 25°C
1.8 k
Ω
50
Ω
GND
Output
Pulse
Generator
f = 100 kHz
TEST CIRCUIT FOR PULSE RESPONSE 2
01
2
3
4
PULSE RESPONSE 2
56
78
3.5
3
2.5
2
1.5
1
0.5
0
− 0.5
t − Time −
µs
Input
IK
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com