Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC573APWRG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC573APWRG3
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC573APWRG3 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC573APWRG3 Datasheet HTML 1Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 2Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 3Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 4Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 5Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 6Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 7Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 8Page - Texas Instruments SN74LVC573APWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQN OR ZQN PACKAGE
(TOP VIEW)
1
2
3
4
A
B
C
D
E
SN54LVC573A, SN74LVC573A
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCAS300R – JANUARY 1993 – REVISED SEPTEMBER 2005
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 20
SN74LVC573AN
SN74LVC573AN
QFN – RGY
Reel of 1000
SN74LVC573ARGYR
LC573A
Tube of 25
SN74LVC573ADW
SOIC – DW
LVC573A
Reel of 2000
SN74LVC573ADWR
SOP – NS
Reel of 2000
SN74LVC573ANSR
LVC573A
SSOP – DB
Reel of 2000
SN74LVC573ADBR
LC573A
–40
°C to 85°C
Tube of 70
SN74LVC573APW
TSSOP – PW
Reel of 2000
SN74LVC573APWR
LC573A
Reel of 250
SN74LVC573APWT
TVSOP – DGV
Reel of 2000
SN74LVC573ADGVR
LC573A
VFBGA – GQN
SN74LVC573AGQNR
Reel of 1000
LC573A
VFBGA – ZQN (Pb-free)
SN74LVC573AZQNR
CDIP – J
Tube of 20
SNJ54LVC573AJ
SNJ54LVC573AJ
–55°C to 125°C
CFP – W
Tube of 85
SNJ54LVC573AW
SNJ54LVC573AW
LCCC – FK
Tube of 55
SNJ54LVC573AFK
SNJ54LVC573AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS
1
2
3
4
A
1D
OE
VCC
1Q
B
3D
3Q
2D
2Q
C
5D
4D
5Q
4Q
D
7D
7Q
6D
6Q
E
GND
8D
LE
8Q
FUNCTION TABLE
(EACH LATCH)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com