Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C3V3 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BZX84C3V3
Description  SURFACE MOUNT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX84C3V3 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZX84C3V3 Datasheet HTML 1Page - Rectron Semiconductor BZX84C3V3 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX84C3V3
THRU
BZX84C47
TECHNICAL SPECIFICATION
SURFACE MOUNT ZENER DIODE
s
m
e
t
Il
o
b
m
y
Ss
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
0
3W
m
e
g
n
a
R
e
g
a
t
l
o
Vz
V7
4
-
3
.
3V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
A
m
0
1
=
f
I
@
f
V9
.
0V
.
d
w
F
k
a
e
O
.
p
e
R
t
n
e
r
r
u
C
M
R
F
I0
5
2A
m
.
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
2
1
o
t
5
5
-
oC
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
5
-
oC
Absolute Maximun Ratings (Ta=25oC)
s
m
e
t
Is
l
a
i
r
e
t
a
M
e
g
a
k
c
a
P3
2
-
T
O
S
e
m
a
r
F
d
a
e
Ly
o
l
l
A
2
4
h
s
i
n
i
F
d
a
e
Lg
n
i
t
a
l
P
r
e
d
l
o
S
e
r
i
W
d
n
o
Bu
A
n
i
s
e
R
d
l
o
My
x
o
p
E
p
i
h
Cn
o
c
i
l
i
S
Electrical Characteristics (Ta=25oC)
Mechanical Data
Dimensions
A. NC
B. ANODE
C. CATHODE
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
*
)
V
(
z
V
A
m
5
=
z
I
t
a
.
x
a
m
.
n
i
m
L
A
I
T
N
E
R
E
F
F
I
D
E
C
N
A
T
S
I
S
E
R
)
m
h
o
(
f
f
i
d
r
A
m
5
=
z
I
t
a
.
x
a
m
.
p
y
t
L
A
I
T
N
E
R
E
F
F
I
D
E
C
N
A
T
S
I
S
E
R
)
m
h
o
(
f
f
i
d
r
A
m
1
=
z
I
t
a
.
x
a
m
.
p
y
t
E
R
U
T
A
R
E
P
M
E
T
T
N
E
I
C
I
F
F
E
O
C
)
K
/
V
m
(
z
S
A
m
5
=
z
I
t
a
.
x
a
m
.
p
y
t
.
n
i
m
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
3
V
3
C
4
8
X
Z
B0
5
.
3
0
1
.
35
9
5
80
0
6
0
5
30
4
.
2
-
5
.
3
-5
1
6
V
3
C0
8
.
3
0
4
.
30
9
5
80
0
6
5
7
30
4
.
2
-
5
.
3
-5
1
9
V
3
C0
1
.
4
0
7
.
30
9
5
80
0
6
0
0
40
5
.
2
-
5
.
3
-3
1
3
V
4
C0
6
.
4
0
0
.
40
9
5
80
0
6
0
1
40
5
.
2
-
5
.
3
-3
1
7
V
4
C0
0
.
5
0
4
.
40
8
0
50
0
5
5
2
42
.
0
4
.
1
-
5
.
3
-3
2
1
V
5
C0
4
.
5
0
8
.
40
6
0
40
8
4
0
0
42
.
1
8
.
0
-
7
.
2
-2
2
6
V
5
C0
0
.
6
0
2
.
50
4
5
10
0
4
0
85
.
2
2
.
1
0
.
2
-1
2
2
V
6
C0
6
.
6
0
8
.
50
1
60
5
1
0
47
.
3
3
.
2
4
.
03
4
8
V
6
C0
2
.
7
0
4
.
65
1
60
8
0
35
.
4
0
.
3
2
.
12
4
5
V
7
C0
9
.
7
0
0
.
75
1
60
8
0
33
.
5
0
.
4
5
.
21
5
2
V
8
C0
7
.
8
0
7
.
75
1
60
8
0
42
.
6
6
.
4
2
.
37
.
0
5
1
V
9
C0
6
.
9
0
5
.
85
1
60
0
1
0
40
.
7
5
.
5
8
.
35
.
0
6
0
1
C0
6
.
0
1
0
4
.
90
2
80
5
1
0
50
.
8
4
.
6
5
.
42
.
0
7
1
1
C0
6
.
1
1
0
4
.
0
10
2
0
10
5
1
0
50
.
9
4
.
7
4
.
51
.
0
8
3
2
-
T
O
S3
2
-
T
O
S
3
2
-
T
O
S
3
2
-
T
O
S3
2
-
T
O
S
RECTRON
SEMICONDUCTOR


Similar Part No. - BZX84C3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V3 VISHAY-BZX84C3V3 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
logo
Won-Top Electronics
BZX84C3V3 WTE-BZX84C3V3 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C3V3 JGD-BZX84C3V3 Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C3V3 FAIRCHILD-BZX84C3V3 Datasheet
197Kb / 6P
Series Zeners
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
More results

Similar Description - BZX84C3V3

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com