Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4F003 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4F003
Description  FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4F003 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4F003 Datasheet HTML 1Page - Texas Instruments TPD4F003 Datasheet HTML 2Page - Texas Instruments TPD4F003 Datasheet HTML 3Page - Texas Instruments TPD4F003 Datasheet HTML 4Page - Texas Instruments TPD4F003 Datasheet HTML 5Page - Texas Instruments TPD4F003 Datasheet HTML 6Page - Texas Instruments TPD4F003 Datasheet HTML 7Page - Texas Instruments TPD4F003 Datasheet HTML 8Page - Texas Instruments TPD4F003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
-40
-20
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
200
Time (ns)
Ch_In
Ch_Out
-40
-20
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
200
Time (ns)
Ch_In
Ch_Out
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
25
50
75
100
125
150
175
200
Time (ns)
Ch_In
Ch_Out
-140
-120
-100
-80
-60
-40
-20
0
20
40
0
25
50
75
100
125
150
175
200
Time (ns)
Ch_In
Ch_Out
TPD4F003, TPD6F003, TPD8F003
www.ti.com
SLLS907D – AUGUST 2008 – REVISED JANUARY 2010
ESD PROTECTION
TYP
UNIT
Human-Body Model (HBM)
±15
kV
IEC 61000-4-2 Contact Discharge
±12
kV
IEC 61000-4-2 Air-Gap Discharge
±20
kV
TYPICAL CHARACTERISTCS
IEC Clamping Waveforms
(clamp voltage measured both at Ch_Out and Ch_In)
Figure 1. With 8 kV Contact ESD Stress at Ch_Out
Figure 2. With 12 kV Contact ESD Stress at Ch_Out
Figure 3. With -8 kV Contact ESD Stress at Ch_Out
Figure 4. With -12 kV Contact ESD Stress at Ch_Out
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4F003 TPD6F003 TPD8F003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com