Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22921 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments TPS22921 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPS22922
Temperature( C)
°
–40
0
25
70
85
0
5
10
15
20
25
30
35
40
t
(TPS22922)
fall
trise
Temperature, T (°C)
A
0
5
10
15
20
25
30
35
40
45
50
–40
0
25
70
85
tON
t
(TPS22922)
OFF
TPS22922B
Temperature (°C)
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
trise
tfall
Temperature, T (°C)
A
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
0
20
40
60
80
100
120
140
160
180
200
tON
TOFF
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 14. tON/tOFF vs Temperature (VIN = 3.3 V)
Figure 15. trise/tfall vs Temperature (VIN = 3.3 V)
Figure 16. tON/tOFF vs Temperature (VIN = 3.3 V)
Figure 17. trise/tfall vs Temperature (VIN = 3.3 V)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com