Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA254 Datasheet(PDF) 1 Page - ORION FANS

Part # OA254
Description  254 x 89mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA254 Datasheet(HTML) 1 Page - ORION FANS

  OA254 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
OA254AP-11-1 *
OA254AP-22-1 *
Nominal Voltage
115VAC
230VAC
Voltage Range
80 ~ 130VAC
160 ~ 260VAC
Rated Power
35 W
35 W
Rated Speed (RPM)
1650
1650
Airflow (CFM)
547
547
Noise Level (dB)
55
55
Max. Static Pressure
0.39” H2O
0.39” H2O
O
OAA225544 SSeerriieess
254 x 89mm
(10.0” x 3.5”)
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires or Terminals
Motor
Capacitor dirve, impedance
and thermally protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
* Indicate “TB” for terminal type or “WB” for Wire leads (300mm)


Similar Part No. - OA254

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA2543 ORIONFANS-OA2543 Datasheet
298Kb / 1P
AC - Harsh Environment
OA2543AN-11-1-1856 ORIONFANS-OA2543AN-11-1-1856 Datasheet
298Kb / 1P
AC Fan
OA2543AN-11-11856 ORIONFANS-OA2543AN-11-11856 Datasheet
260Kb / 1P
AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA2543AN-11-2-1856 ORIONFANS-OA2543AN-11-2-1856 Datasheet
298Kb / 1P
AC Fan
OA2543AN-11-21856 ORIONFANS-OA2543AN-11-21856 Datasheet
260Kb / 1P
AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
More results

Similar Description - OA254

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180AP ORIONFANS-OA180AP Datasheet
1Mb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1' x 3.5')
OA254AN ORIONFANS-OA254AN Datasheet
114Kb / 1P
254 x 89mm (10.0??x 3.5??
OA180AP ORIONFANS-OA180AP_15 Datasheet
750Kb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180-METAL ORIONFANS-OA180-METAL Datasheet
535Kb / 1P
AC Fan - 115V, 230V 176 x 89mm (6.9??x 3.5??
OA254ANXC ORIONFANS-OA254ANXC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance 254 x 89mm (10.0??x 3.5??
OA2543AN-METAL ORIONFANS-OA2543AN-METAL Datasheet
260Kb / 1P
AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA2547AN-METAL ORIONFANS-OA2547AN-METAL Datasheet
319Kb / 1P
AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
logo
Molex Electronics Ltd.
0797580007 MOLEX1-0797580007_18 Datasheet
44Kb / 1P
Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 150mm, 22 AWG
0797580015 MOLEX1-0797580015_18 Datasheet
44Kb / 1P
Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 22 AWG
0797582024 MOLEX1-0797582024 Datasheet
39Kb / 1P
Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 24 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com