Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB104S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DB104S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB104S Datasheet(HTML) 1 Page - Rectron Semiconductor

  DB104S Datasheet HTML 1Page - Rectron Semiconductor DB104S Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Surge overload rating - 50 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 1.0 gram
* Epoxy : Device has UL flammability classification 94V-0
* UL listed the recognized component directory, file #E94233
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB101S
THRU
DB107S
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
NOTE: Suffix “-s” Surface Mount for Dip Bridge.
Dimensions in inches and (millimeters)
DB-S
2001-4
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
1.0
50
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
DB101S
DB103S DB104S
DB102S
DB105S DB106S DB107S
50
200
400
100
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Element at 1.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
5.0
Maximum Reverse Current at rated
DB101S
DB103S DB104S
DB102S
DB105S DB106S DB107S
.255 (6.5)
.310 (7.9)
.290 (7.4)
.245 (6.2)
.042 (1.1)
.038 (1.0)
.013 (.330)
.009
.003 (.076)
.410 (10.4)
.060 (1.524)
.040 (1.016)
.360 (9.4)
(9.4)
.335 (8.51)
.320 (8.13)
.195 (5.0)
.205 (5.2)
.135 (3.4)
.115 (2.9)
MECHANICAL DATA


Similar Part No. - DB104S

ManufacturerPart #DatasheetDescription
logo
Bytes
DB104S BYTES-DB104S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB104S DCCOM-DB104S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB104S FORMOSA-DB104S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB104S ETC-DB104S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
DB104S BILIN-DB104S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB104S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com