Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705BCD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL7705BCD
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705BCD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL7705BCD Datasheet HTML 2Page - Texas Instruments TL7705BCD Datasheet HTML 3Page - Texas Instruments TL7705BCD Datasheet HTML 4Page - Texas Instruments TL7705BCD Datasheet HTML 5Page - Texas Instruments TL7705BCD Datasheet HTML 6Page - Texas Instruments TL7705BCD Datasheet HTML 7Page - Texas Instruments TL7705BCD Datasheet HTML 8Page - Texas Instruments TL7705BCD Datasheet HTML 9Page - Texas Instruments TL7705BCD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL7705BM
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, RESET
IOH = –16 mA
VCC–1.5
V
VOL
Low-level output voltage, RESET
IOL = 16 mA
0.4
V
Vref
Reference voltage, REF
Iref = –500 µA,
TA = 25°C
2.48
2.53
2.58
V
TL7702B
TA =25°C
2.505
2.53
2.555
VIT
Negative-going
input threshold voltage
TL7705B
TA = 25°C
4.5
4.55
4.6
V
VIT–
input threshold voltage
at SENSE input
TL7702B
T
55
°Cto125°C
2.48
2.53
2.58
V
at SENSE in ut
TL7705B
TA = –55°C to 125°C
4.45
4.55
4.65
Vh
Hysteresis, SENSE
TL7702B
VCC =3 6Vto18V
TA =25°C
10
mV
Vhys
y,
(VIT+ – VIT–)
TL7705B
VCC = 3.6 V to 18 V,
TA = 25°C
30
mV
Vres‡
Power-up reset voltage
IOL at RESET = 2 mA, TA = 25°C
1
V
II
Input current
RESIN
VI = 0.4 V to VCC
–10
µA
II
Input current
SENSE
TL7702B
VI = Vref to VCC – 1.5 V
–0.1
–2
µA
IOH
High-level output current, RESET
VO = 18 V
50
µA
IOL
Low-level output current, RESET
VO = 0
–50
µA
ICC
Supply current
VSENSE = 15 V,
RESIN
≥ 2 V
1.8
3
mA
ICC
Supply current
VCC = 18 V,
TA = –55°C to 125°C
4
mA
† All electrical characteristics are measured with 0.1-
µF capacitors connected at REF, CT, and VCC to GND.
‡ This is the lowest value at which RESET becomes active.
switching characteristics, VCC = 5 V, CT open, TA = 25°C
PARAMETER
FROM
TO
TEST CONDITIONS
TL7705BM
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time from
low- to high-level output
RESIN
RESET
See Figures 1, 2, and 3
270
500*
ns
tPHL
Propagation delay time from
high- to low-level output
RESIN
RESET
See Figures 1, 2, and 3
270
500*
ns
t
Effective pulse duration
RESIN
See Figure 2
150
ns
tw
Effective pulse duration
SENSE
See Figure 2
100
ns
tr
Rise time
RESET
See Figures 1 and 3
75*
ns
tf
Fall time
RESET
See Figures 1 and 3
150
200*
ns
tr
Rise time
RESET
See Figures 1 and 3
75
150*
ns
tf
Fall time
RESET
See Figures 1 and 3
50*
ns
* On products compliant to MIL-PRF-38535, these parameters are not production tested.
The TL7705BM is obsolete
and no longer is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com