Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE913PWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913PWR
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913PWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE913PWR Datasheet HTML 15Page - Texas Instruments CDCE913PWR Datasheet HTML 16Page - Texas Instruments CDCE913PWR Datasheet HTML 17Page - Texas Instruments CDCE913PWR Datasheet HTML 18Page - Texas Instruments CDCE913PWR Datasheet HTML 19Page - Texas Instruments CDCE913PWR Datasheet HTML 20Page - Texas Instruments CDCE913PWR Datasheet HTML 21Page - Texas Instruments CDCE913PWR Datasheet HTML 22Page - Texas Instruments CDCE913PWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
CDCE913
CDCEL913
www.ti.com
SCAS849E – JUNE 2007 – REVISED MARCH 2010
REVISION HISTORY
Changes from Revision B (December 2007) to Revision C
Page
•
Added SDA and SCL can go up to 3.6V as stated in the Recommended Operating Conditions table ............................... 3
•
Deleted 230 value, moved to Max ........................................................................................................................................ 6
•
Deleted 230 value, moved to Max ........................................................................................................................................ 6
Changes from Revision C (September) to Revision D
Page
•
Deleted sentence - A different default setting can be programmed upon customer request. Contact Texas
Instruments sales or marketing representative for more information. ................................................................................ 10
Changes from Revision D (October 2009) to Revision E
Page
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<4096 foot to PLL1 Configure Register Table ....................... 17
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511 to PLL Multiplier/Divider Definition Section .................................... 18
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com