Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2505D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505D
Description  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2505D Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF2505D Datasheet HTML 1Page - Texas Instruments CDCVF2505D Datasheet HTML 2Page - Texas Instruments CDCVF2505D Datasheet HTML 3Page - Texas Instruments CDCVF2505D Datasheet HTML 4Page - Texas Instruments CDCVF2505D Datasheet HTML 5Page - Texas Instruments CDCVF2505D Datasheet HTML 6Page - Texas Instruments CDCVF2505D Datasheet HTML 7Page - Texas Instruments CDCVF2505D Datasheet HTML 8Page - Texas Instruments CDCVF2505D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUT
OUTPUTS
CLKIN
1Y (0:3)
CLKOUT
L
H
<10 MHz†
L
H
Z
L
H
Z
† Typically, below 2 MHz the device goes in power-down mode in
which the PLL is turned off and the outputs enter into Hi-Z mode. If
a >10-MHz signal is applied at CLKIN the PLL turns on, reacquires
lock, and stabilizes after approximately 100
µs. The outputs will then
be enabled.
functional block diagram
Edge Detect
Typical <10 MHz
Power Down
3-State
1
8
3
2
5
7
CLKOUT
1Y0
1Y1
1Y2
1Y3
CLKIN
PLL
25
Ω
25
Ω
25
Ω
25
Ω
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com