Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S012 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S012
Description  4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S012 Datasheet(HTML) 2 Page - Texas Instruments

  TPD4S012 Datasheet HTML 1Page - Texas Instruments TPD4S012 Datasheet HTML 2Page - Texas Instruments TPD4S012 Datasheet HTML 3Page - Texas Instruments TPD4S012 Datasheet HTML 4Page - Texas Instruments TPD4S012 Datasheet HTML 5Page - Texas Instruments TPD4S012 Datasheet HTML 6Page - Texas Instruments TPD4S012 Datasheet HTML 7Page - Texas Instruments TPD4S012 Datasheet HTML 8Page - Texas Instruments TPD4S012 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
V
BUS
D+
D–
ID
GND
PMU/USB
Controller
V
BUS
GND
D+
D–
-
ID
VBUS
D–
ID
GND
Core PMU Chip/
USB Controller
D+
D+
D–
ID
GND
VBUS
VBUS
Core PMU Chip/
USB Controller
C1
A2
B2
C2
B2
A2
A1
B1
C1
TPD4S012
SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009
www.ti.com
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE (1) (2)
NOMINAL DIMENSIONS (mm)
PART NUMBER
MARKING
SON – DRY
Reel of 3000
W = 1.0, L = 1.45, H = 0.55, Pitch = 0.5
TPD4S012DRYR
3B
–40°C to 85°C
WCSP – XXX
Reel of 3000
W = 0.8, L = 1.2, H = 0.5, Pitch = 0.4
TPD4S012XXXR
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
APPLICATION SCHEMATIC
If the ID pin is not used, it can be left floating.
Board Layout Recommendations
Figure 1. Using DRY Package
Figure 2. Using YFP Package
The TPD4S012 can provide system-level ESD protection to the high-speed differential ports. The flow-through
package offers flexibility for board routing. Figure 1 and Figure 2 show the board layout scheme for the D+ and
D– lines of a single differential pair. It allows the differential signal pairs couple together right after they touch the
ESD ports of the TPD4S012.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD4S012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com