Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3166YZPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3166YZPR
Description  0.9-廓 SPST ANALOG SWITCH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166YZPR Datasheet(HTML) 2 Page - Texas Instruments

  TS5A3166YZPR Datasheet HTML 1Page - Texas Instruments TS5A3166YZPR Datasheet HTML 2Page - Texas Instruments TS5A3166YZPR Datasheet HTML 3Page - Texas Instruments TS5A3166YZPR Datasheet HTML 4Page - Texas Instruments TS5A3166YZPR Datasheet HTML 5Page - Texas Instruments TS5A3166YZPR Datasheet HTML 6Page - Texas Instruments TS5A3166YZPR Datasheet HTML 7Page - Texas Instruments TS5A3166YZPR Datasheet HTML 8Page - Texas Instruments TS5A3166YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
2
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Tape and reel
TS5A3166YEPR
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
Tape and reel
TS5A3166YZPR
SOT (SOT-23) − DBV
Tape and reel
TS5A3166DBVR
JAS_
SOT (SC-70) − DCK
Tape and reel
TS5A3166DCKR
JF_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character
to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Absolute Minimum and Maximum Ratings(1)(2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
−0.5
6.5
V
VNO
VCOM
Analog voltage range(3)(4)(5)
−0.5
V+ + 0.5
V
IK
Analog port diode current
VNO, VCOM < 0
−50
mA
INO
On-state switch current
VNO, VCOM = 0 to V+
−200
200
mA
INO
ICOM
On-state peak switch current(6)
VNO, VCOM = 0 to V+
−400
400
mA
VI
Digital input voltage range(3)(4)
−0.5
6.5
V
IIK
Digital input clamp current
VI < 0
−50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
−100
mA
(7)
DBV package
206
θJA
Package thermal impedance(7)
DCK package
252
°C/W
θJA
Package thermal impedance(7)
YEP/YZP package
132
C/W
Tstg
Storage temperature range
−65
150
°C
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified
is not implied.
(2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3) All voltages are with respect to ground, unless otherwise specified.
(4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5) This value is limited to 5.5 V maximum.
(6) Pulse at 1-ms duration < 10% duty cycle
(7) The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com