Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMD1S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FMD1S
Description  SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMD1S Datasheet(HTML) 1 Page - Rectron Semiconductor

  FMD1S Datasheet HTML 1Page - Rectron Semiconductor FMD1S Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1998-8
RECTRON
SEMICONDUCTOR
FEATURES
* Surge overload rating - 30 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 0.5 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FMD1S
THRU
FMD7S
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oCunless otherwise noted)
Dimensions in millimeters
MD-S
TECHNICAL SPECIFICATION
CHARACTERISTICS
SYMBOL
UNITS
FMD1S
FMD3S
FMD4S
FMD2S
FMD5S
FMD6S
FMD7S
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amp
0.5
30
-55 to + 150
0C
UNITS
Maximum Average Forward Output Rectified
Current TA = 30
oC
-on glass-epoxy P.C.B. ( NOTE 1 )
-on aluminum substrate ( NOTE 2 )
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
FMD1S
FMD3S
FMD4S
FMD2S
FMD5S
FMD6S
FMD7S
50
200
400
100
600
800
1000
Typical Junction Capacitance ( Note3 )
CJ
15
pF
DC Blocking Voltage per element
VF
IR
1.30
100
uAmps
uAmps
Element at 0.4A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
10
Maximum Reverse Current at rated
Maximum Reverse Recovery Time ( Note 4 )
trr
150
250
500
nSec
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere
MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER
0.8
NOTE: 1. On glass-epoxy P.C.B. mounted on 0.05 X 0.05” (1.3 X 1.3mm) pads.
2. On aluminum substrate P.C.B. with an area of 0.8 X 0.8 X 0.25” (20 X 20 X 6.4mm) mounted on 0.05 X 0.05” (1.27 X 1.27mm) solder pad.
3. Measured at 1MHz and applied reverse voltage of 4.0 volts.
4. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A.
5. Suffix “-S” Surface Mount for Mini Dip Bridge.


Similar Part No. - FMD1S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMD15-06KC5 IXYS-FMD15-06KC5 Datasheet
82Kb / 3P
CoolMOS Power MOSFET with HiPerDyn FRED Buck and Boost Topologies
More results

Similar Description - FMD1S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
MD1S RECTRON-MD1S Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
FFM101 RECTRON-FFM101 Datasheet
33Kb / 3P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM301L RECTRON-FFM301L Datasheet
331Kb / 5P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
MD1 RECTRON-MD1 Datasheet
26Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
RL101FG RECTRON-RL101FG Datasheet
29Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM301B RECTRON-FFM301B Datasheet
177Kb / 9P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FRS1AW RECTRON-FRS1AW Datasheet
117Kb / 8P
GLASS PASSIVATED SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MB1F RECTRON-MB1F Datasheet
595Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/18 REV:G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com