Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE937 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE937 Datasheet HTML 1Page - Texas Instruments CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Xin/Clk 1
20 Xout
S0 2
19 S1/SDA
Vdd 3
18 S2/SCL
Vctr 4
17 Y1
GND 5
16 GND
Vddout 6
15 Y2
Y4 7
14 Y3
Y5 8
13 Vddout
GND 9
12 Y6
Vddout 10
11 Y7
Y4
Y5
VDD
GND
Vctr
Vddout
S2/S1/S0or
SDA/SCL
Y1
VCXO
XO
LVCMOS
3
Y2
Y3
LV
CMOS
LV
CMOS
PLL1
withSSC
LV
CMOS
LV
CMOS
LV
CMOS
PLL2
withSSC
Y6
Y7
LV
CMOS
LV
CMOS
PLL3
withSSC
Divider
and
Output
Control
Programming
and
ControlRegister
EEPROM
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
Programmable 3-PLL VCXO Clock Synthesizer
With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Check for Samples: CDCE937, CDCEL937
1
FEATURES
•
1.8-V Device Power Supply
234
•
Member of Programmable Clock Generator
•
Flexible Clock Driver
Family
–
Three User-Definable Control Inputs
–
CDCE913/CDCEL913: 1-PLL, 3 Outputs
[S0/S1/S2] e.g., SSC Selection, Frequency
Switching, Output Enable or Power Down
–
CDCE925/CDCEL925: 2-PLL, 5 Outputs
–
Generates Highly Accurate Clocks for
–
CDCE937/CDCEL937: 3-PLL, 7 Outputs
Video, Audio, USB, IEEE1394, RFID,
–
CDCE949/CDCEL949: 4-PLL, 9 Outputs
Bluetooth™, WLAN, Ethernet™, and GPS
•
In-System Programmability and EEPROM
–
Generates Common Clock Frequencies
–
Serial Programmable Volatile Register
Used With TI DaVinci™, OMAP™, DSPs
–
Nonvolatile EEPROM to Store Customer
–
Programmable SSC Modulation
Setting
–
Enables 0-PPM Clock Generation
•
Flexible Input Clocking Concept
•
Wide Temperature Range –40° C to 85° C
–
External Crystal: 8 MHz to 32 MHz
•
Packaged in TSSOP
–
On-Chip VCXO: Pull Range ±150 ppm
•
Development and Programming Kit for Easy
–
Single-Ended LVCMOS up to 160 MHz
PLL Design and Programming (TI Pro-Clock™)
•
Selectable Output Frequency up to 230 MHz
•
Low-Noise PLL Core
APPLICATIONS
•
D-TV, HD-TV, STB, IP-STB, DVD-Player,
–
Integrated PLL Loop Filter Components
DVD-Recorder, Printer
–
Low Period Jitter (Typ 60 ps)
•
Separate Output Supply Pins
–
CDCE937: 3.3 V and 2.5 V
–
CDCEL937: 1.8 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, OMAP, Pro-Clock are trademarks of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG.
4
Ethernet is a trademark of Xerox Corporattion.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE937 TI-CDCE937 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI1-CDCE937 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE937 TI1-CDCE937 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937 TI2-CDCE937 Datasheet
1Mb / 39P
CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
REVISED DECEMBER 2016
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results

Similar Description - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com